Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

12-22-R6GHC-A30-2C Datasheet(PDF) 12 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No. de pieza 12-22-R6GHC-A30-2C
Descripción Electrónicos  Right Angle Lens Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Página de inicio  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

12-22-R6GHC-A30-2C Datasheet(HTML) 12 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 12-22-R6GHC-A30-2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 12-22-R6GHC-A30-2C Datasheet HTML 12Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12-22/R6GHC-A30/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 12 of 12
Device No:
Prepared date: 10-Jan.-2013
Prepared by:Xiang Liudan
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds within
once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of the
hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com