Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VXRF2-28 Datasheet(PDF) 1 Page - VPT, Inc.

No. de pieza VXRF2-28
Descripción Electrónicos  HIGH RELIABILITY COTS EMI FILTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VPT [VPT, Inc.]
Página de inicio  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VXRF2-28 Datasheet(HTML) 1 Page - VPT, Inc.

  VXRF2-28 Datasheet HTML 1Page - VPT, Inc. VXRF2-28 Datasheet HTML 2Page - VPT, Inc. VXRF2-28 Datasheet HTML 3Page - VPT, Inc. VXRF2-28 Datasheet HTML 4Page - VPT, Inc. VXRF2-28 Datasheet HTML 5Page - VPT, Inc. VXRF2-28 Datasheet HTML 6Page - VPT, Inc. VXRF2-28 Datasheet HTML 7Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
1
VXRF2-28 SERIES
HIGH RELIABILITY COTS EMI FILTERS
Models Available
2 A output
-55 °C to 105 °C Operation
1.0 DESCRIPTION
The VXR Series of EMI filters is the latest and most advanced
offering in VPT’s extensive line of high reliability COTS products.
Building on a proven design heritage, the VXRF2 features low
resistance, high attenuation and a wide input voltage range. When
paired with a VXR Series DC-DC Converter, the VXRF2 passes
specific DO-160 and MIL-STD-461 conducted EMI requirements.
The VXR product family is optimized for a broad range of
applications from military ground vehicles to commercial and
military aircraft.
The VXR Series patent-pending epoxy-encapsulated
V-SHIELD
TM packaging is highly resistant to chemical, solvent
and salt environments and is fully compatible with high
volume manufacturing processes including wave solder,
cleaning solvents, high pressure sprays and aqueous wash
processes. A unique integral six-sided metalized shield
improves system EMI compatibility. Dual sided conduction
cooling coupled with reduced power dissipation simplifies
system thermal design.
The VXR series is intended for harsh environments including severe
vibration, shock and temperature cycling. Testing is to JESD22,
MIL-STD-810, and MIL-STD-883.
1.1 FEATURES
 Up to 2 A maximum current
 Up to 50 W output power
 Wide input voltage range: 0 V to 60 V
 High Input Voltage transient: 80V for 1 second, 100 V for 200
milliseconds
 55 dB minimum attenuation at 500kHz
 Rugged epoxy encapsulated V-SHIELDTM Package
 Fully compatible with aqueous cleaning processes
 Integral six-sided metalized EMI shield
 Dual-Sided Thermal Conduction
 2000 V Isolation
1.2 COMPLIANCE
 MIL-STD-1275 A-E
 RTCA / DO-160-Section 16
 MIL-STD-704 A-F
 MIL-STD-461 C-F when used with an appropriate
VXR DC-DC Converter
 RTCA / DO-160-section 18 and 21 when used with
an appropriate VXR DC-DC Converter
1.3 PACKAGING
Low-profile: 1.100” x 1.100” x 0.350”
Max weight: 23 g
1.4 SIMILAR PRODUCTS AND ACCESSORIES
 VPTF1 1 Amp metal package COTS EMI Filter
VXR7 7 W single output encapsulated COTS DC-DC Converter
 VPT5 5 W single output metal package COTS DC-DC Converter
 DVMH 2 Amp Military Qualified EMI Filter
 EMI filters, Thermal Pads, Front-End Modules and Accessories


Número de pieza similar - VXRF2-28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VPT, Inc.
VXRF20-28 VPT-VXRF20-28 Datasheet
2Mb / 7P
HIGH RELIABILITY COTS EMI FILTERS
More results

Descripción similar - VXRF2-28

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
HIGH RELIABILITY HYBRID EMI FILTERS
VHRF1-28 VPT-VHRF1-28 Datasheet
916Kb / 7P
HIGH RELIABILITY COTS EMI FILTERS
VPTF1-28 VPT-VPTF1-28 Datasheet
910Kb / 8P
HIGH RELIABILITY COTS EMI FILTERS
VXRF5-28 VPT-VXRF5-28 Datasheet
2Mb / 8P
HIGH RELIABILITY COTS EMI FILTERS
VXRF10-28 VPT-VXRF10-28 Datasheet
2Mb / 7P
HIGH RELIABILITY COTS EMI FILTERS
VXRF20-28 VPT-VXRF20-28 Datasheet
2Mb / 7P
HIGH RELIABILITY COTS EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com