| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD25LD80CSJG Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LD80CSJG Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
21 / 42 page ![]() 1.8V Uniform Sector Standard and Dual Serial Flash GD25LD80C 21 Figure16. Read Manufacture ID/ Device ID Sequence Diagram 7.16. Read Identification (RDID) (9FH) The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by two bytes of device identification. The device identification indicates the memory type in the first byte, and the memory capacity of the device in the second byte. Any Read Identification (RDID) command while an Erase or Program cycle is in progress is not decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) command should not be issued while the device is in Deep Power-Down Mode. The device is first selected by driving CS# low. Then, the 8-bit command code for the command is shifted in. This is followed by the 24-bit device identification, stored in the memory. Each bit is shifted out on the falling edge of Serial Clock. The command sequence is shown in Figure17. The Read Identification (RDID) command is terminated by driving CS# high at any time during data output. When CS# is driven high, the device is in the Standby Mode. Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and execute commands. Figure17. Read Identification ID Sequence Diagram Command 0 1 2 3 4 5 6 7 90H CS# SCLK SI SO High-Z 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address MSB 34 35 36 37 33 6 5 4 3 2 1 0 38 39 32 42 43 44 45 41 46 47 40 7 Device ID CS# SCLK SI SO MSB Manufacturer ID 6 5 4 3 2 1 0 7 0 1 2 3 4 5 6 7 CS# SCLK SI SO 8 9 10 MSB 18 19 20 21 17 6 5 4 3 2 1 0 22 23 16 26 27 28 29 25 30 31 24 7 Capacity JDID7-JDID0 CS# SCLK SI SO MSB Memory Type JDID15-JDID8 6 5 4 3 2 1 0 7 11 12 13 14 15 9FH 6 5 4 3 2 1 0 7 Manufacturer ID MSB Command |