Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GD25LE128D Datasheet(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

No. de pieza GD25LE128D
Descripción Electrónicos  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Página de inicio  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE128D Datasheet(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE128D Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE128D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE128D
6
PIN DESCRIPTION
Ball No.
Pin Name
I/O
Description
B4
CS#
I
Chip Select Input
C4
SO (IO1)
I/O
Data Output (Data Input Output 1)
D4
WP# (IO2)
I/O
Write Protect Input (Data Input Output 2)
E4
VSS
Ground
E3
SI (IO0)
I/O
Data Input (Data Input Output 0)
D3
SCLK
I
Serial Clock Input
C3
HOLD# (IO3)
I/O
Hold Input (Data Input Output 3)
B3
VCC
Power Supply
Multiple
NC
No Connect
Note:
1.
CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on.
2. The NC pin/ball is not connected to any internal signal. It is OK to connect it to the system ground (GND) or leave it
floating.
BLOCK DIAGRAM
SPI
Command &
Control Logic
High Voltage
Generators
Page Address
Latch/Counter
Status
Register
Write Control
Logic
Byte Address
Latch/Counter
Column Decode And
256-Byte Page Buffer
Flash
Memory
CS#
SCLK
SI(IO0)
SO(IO1)
HOLD#(IO3)
WP#(IO2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78