| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD5F2GQ4RF9IS Datasheet(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RF9IS Datasheet(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
6 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 6 2.1 Product List Product Number Density Voltage Package Type Temperature Page Size GD5F2GQ4RFZIS 2Gbit 1.7V to 2.0V TFBGA24(6*4 Ball Array) -40℃ to 85℃ 2Kbytes + 128bytes GD5F2GQ4RFZJS -40℃ to 105℃ GD5F2GQ4RFZFS -40℃ to 85℃ GD5F2GQ4RF9IS LGA8(6*8mm) -40℃ to 85℃ GD5F2GQ4RF9JS -40℃ to 105℃ GD5F2GQ4RF9FS -40℃ to 85℃ GD5F2GQ4UFZIS 2.7V to 3.6V TFBGA24(6*4 Ball Array) -40℃ to 85℃ GD5F2GQ4UFZJS -40℃ to 105℃ GD5F2GQ4UFZFS -40℃ to 85℃ GD5F2GQ4UF9IS LGA8(6*8mm) -40℃ to 85℃ GD5F2GQ4UF9JS -40℃ to 105℃ GD5F2GQ4UF9FS -40℃ to 85℃ |