| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD5F2GQ4RFZFS Datasheet(PDF) 32 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RFZFS Datasheet(HTML) 32 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
32 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 32 11.3 Program Load x4 (PL x4) (32H) The Program Load x4 command (32H) is similar to the Program Load command (02H) but with the capability to input the data bytes by four pins: SIO0, SIO1, SIO2, and SIO3. The command sequence is shown below. The Quad Enable bit (QE) of feature (B0[0]) must be set to enable the program load x4 command. Figure11-2. Program Load x4 Sequence Diagram Command 0 1 2 3 4 5 6 7 32H CS# SCLK 8 9 10 20 21 22 23 3 2 1 0 15 14 13 24 25 26 27 4 0 28 29 30 31 SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte0 Byte1 CS# SCLK SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 34 35 36 37 33 38 39 32 42 43 44 45 41 46 47 40 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte10 4 0 5 1 6 2 7 3 Byte11 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte 2175/2111 Dummy<3:0>, A11-A0 Byte2 Byte3 Byte4 Byte5 Byte6 Byte7 Byte8 Byte9 Note: when internal ECC disabled the Byte is 2175, when internal ECC enabled the Byte is 2111. |