| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD5F2GQ4RFZFG Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RFZFG Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
19 / 46 page ![]() SPI(x1/x2/x4) NAND Flash 2G 19 9.7 Read From Cache Dual IO (BBH) The Read from Cache Dual I/O command (BBH) is similar to the Read form Cache x2 command (3BH), followed by a 12bit column address for the starting byte address and a dummy byte by SIO0 and SIO1, each bit being latched in during the rising edge of SCLK, then the cache contents are shifted out 2-bit per clock cycle from SIO0 and SIO1. The first address byte can be at any location. The address increments automatically to the next higher address after each byte of data shifted out until the end of whole page. Figure9-6. Read From Cache Dual IO Sequence Diagram Command 0 1 2 3 4 5 6 7 BBH CS# SCLK SI(SIO0) SO(SIO1) 8 9 10 11 12 13 14 15 6 4 2 0 6 4 2 0 16 17 18 19 20 21 22 23 6 4 2 0 6 4 2 0 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 A7-0 Dummy Byte0 CS# 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 SI(SIO0) SO(SIO1) 6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0 7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1 SCLK 6 7 Byte1 Byte2 Byte3 Byte4 Dummy, A11-8 |