| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GD5F2GQ4REZFS Datasheet(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4REZFS Datasheet(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
38 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 38 12 RESET OPERATIONS 12.1 Soft Reset (FFH) Figure12-1. Reset Sequence Diagram Command 0 1 2 3 4 5 6 7 FFH CS# SCLK SI SO High-Z The RESET (FFH) command stops all operations. For example, in case of a program or erase or read operation, the reset command can make the device enter the wait state. During a cache program or cache read, a reset can also stops the previous operation and the pending operation. The OIP status can be read from 300ns after the reset command is sent. 12.2 Hardware RESET 12.2.1 Hardware RESET Function The RESET# pin allows the device to be reset by the host controller or system reset timer like watchdog for re-boot without a power off and on sequence. For the 8-pin package, pin7 can be configured as a RESET# pin depending on the status register setting, QE=0 and HOLD/RST=1(see Section Hardware RESET Setting). On the 24-pin package, a dedicated RESET# pin is provided and it is independent of QE bit setting (see Section Hardware RESET Setting). The RESET# pin goes low for a period of tRLRH or longer will reset the flash memory. After a reset cycle, the flash is at the following states: -In standby mode -All the volatile bits return to the default value as after power-on-reset. -Data of page0/block0 is read out to the cache, user can issue read from cache command (03/0B/3B/6B/BB/EB) for data. Please note that No command is accepted during the reset cycle (tRB1 or tRB2). Figure12-2. Hardware RESET Timing |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |