Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1232 Datasheet(PDF) 8 Page - Core Technology (Shenzhen) Co., Ltd.

No. de pieza CS1232
Descripción Electrónicos  24-bit Sigma-Delta ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Página de inicio  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1232 Datasheet(HTML) 8 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1232 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1232 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CS1232
R
Re
ev
v..1
1..5
5
88
2233
1.5
数字逻辑特性
表2 CS1232 数字逻辑特性
参数
最小
典型
最大
单位
条件说明
VIH
0.7×DVDD
DVDD+0.1
V
VIL
DGND
0.3×DVDD
V
VIH ( PWDN)
0.8×DVDD
DVDD+0.1
V
VIL( PWDN)
DGND
0.2×DVDD
V
VOH
DVDD-0.4
DVDD
V
Ioh=1mA
VOL
DGND
0.2×DVDD
V
IoL=1mA
IIH
10
uA
VI=DVDD
IIL
-10
uA
VI=DGND
外置时钟工作频率范围(1)
0.2
4.9152
8
MHz
串口时钟工作频率范围(2)
2
MHz
(1)芯片工作时钟频率
(2)串口通信时钟SCLK的频率



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com