| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATS668LSM Datasheet(PDF) 3 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS668LSM Datasheet(HTML) 3 Page - Allegro MicroSystems |
|
3 / 13 page ![]() True Zero-Speed High-Accuracy Gear Tooth Sensor IC ATS668LSM 3 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com OPERATING CHARACTERISTICS: Valid throughout full operating and temperature ranges, using Reference Target 60-0, unless otherwise noted. Characteristics Symbol Test Conditions Min. Typ. Max. Unit ELECTRICAL CHARACTERISTICS Supply Voltage VCC Operating, TJ < TJ(max) 4.6 – 24 V Undervoltage Lockout VUVLO – 4.1 4.55 V Reverse Supply Current IRCC VCC = –18 V – – –10 mA Supply Current ICC – – 12 mA Supply Zener Clamp Voltage VZ ICC = ICC(MAX) + 3 mA 28.0 – – V Supply Zener Current IZ TJ < TJ(max), VCC = 27 V – – 15 mA Reverse Supply Zener Clamp Voltage VRZ ICC = –3 mA, TA = 25°C – – –18 V OUTPUT STAGE Low Output Voltage VSAT ISINK = 10 mA, Output = ON – 750 1000 mV Output Zener Clamp Voltage VZOUT IOUT = 3 mA, TA = 25°C 28.0 – – V Output Current Limit ILIM VOUT = 12 V, TJ < TJ(max) 25 45 70 mA Output Leakage Current IOFF VOUT = 24 V, Output = off state (VOUT = High) – – 10 µA Output Rise Time tr RPU = 1 kΩ, VPU = 5 V – 4 – μs Output Fall Time tf – 6 – μs |