| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VISION2000-P Datasheet(PDF) 1 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
VISION2000-P Datasheet(HTML) 1 Page - MKS Instruments. |
|
1 / 4 page ![]() Vision 2000-P™ HIGH PERFORMANCE PROCESS MONITORING SYSTEM Many process monitoring systems fail to deliver user requirements because they present data in a format that is not easily understood by the operator. The value of the trace gas analysis is often lost, and the RGA may never deliver the payback intended. The Vision 2000-P™ represents a different concept in process monitoring, requiring minimum operator interaction or RGA knowledge. The Vision 2000-P incorporates the “smart head” RGA technology of the Microvision 2 with a closed ion source and close-coupled inlet. This state-of-the-art RGA technology is integrated with Process Eye™ Professional Control Platform, a recipe based, user-configurable software program. The advanced technology available in the Vision 2000-P provides users with simple, effective, process monitoring operation including: •ppbleveldetectionofcontaminantgasesduringPVDprocesses — Sensitivity to detect even small amounts of contamination sometimes introduced during preventative maintenance cycles •FasterPMrecoverythroughvacuumanalysis — Constant baseline vacuum troubleshooting •Singlepushbuttonoperationtostartrecipes Features & Benefits Baseline monitoring of PVD chambers for air leaks and background contamination levels • Abilitytotrackprocessgasmixture composition where two gases are utilized (i.e. Ar and n 2 in Tin deposition) • VacuumtroubleshootingforfastPM recovery • Canbeintegratedwithawidevarietyof PVD tools • RemoteVacuumController(RVC)forfail- safe PC-based operation and control • AvailablewithProcessEyeProfessional software for — Automated, recipe based operation — User configurable, intelligent alarms — High level tool integration — Advanced data presentation (i.e. simultaneous bar chart/trend screen displays) • Simultaneousmultiple-sensoroperation capability Applications The Vision 2000-P is an application-specific process monitoring system designed to monitor contamination levels within semiconductor and thin film PVD process tools and to alert of conditions that can negatively impact product yield. In addition, the Vision 2000-P optimizes vacuum quality with • Contaminationmonitoring,including hydrocarbons, to sub-ppm levels during PVD process • Residualgasmonitoring,includingair and water |
Número de pieza similar - VISION2000-P |
|
Descripción similar - VISION2000-P |