Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD105M016ST Datasheet(PDF) 5 Page - Vatronics Technologies Limited

No. de pieza SMD105M016ST
Descripción Electrónicos  SMD Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VATRONICS [Vatronics Technologies Limited]
Página de inicio  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

SMD105M016ST Datasheet(HTML) 5 Page - Vatronics Technologies Limited

  SMD105M016ST Datasheet HTML 1Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 2Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 3Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 4Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 5Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
tantalum capacitors,tantalum capacitor,chip tantalum capacitors,chip tantalu...smd tantalum capacitor,capacitors,capacitor,tantalum capacitors manufacturer
How to order
VTS 105 M 035 B T
(1) (2) (3) (4) (5) (6)
(1)Product Type:
SMD Tantalum Capacitors
(2)Capacitance:
105=10*105 =1000000pF
226=22*106 =22000000pF
(3)Tolerance:
M=±20%
K=±10%
J=±5%
(4)Working Voltage
035=35VDC
016=16VDC
(5)Case size:
S=S CASE
A=A CASE
B=B CASE
C=C CASE
D=D CASE
E=E CASE
(6)Packing:
T=TAPE&REEL
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTS.htm (5 / 5) [2003-12-20 11:47:30]



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com