Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EM-FECS Datasheet(PDF) 2 Page - Figaro Engineering Inc.

No. de pieza EM-FECS
Descripción Electrónicos  Evaluation Module Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FIGARO [Figaro Engineering Inc.]
Página de inicio  https://www.figaro.co.jp/en/
Logo FIGARO - Figaro Engineering Inc.

EM-FECS Datasheet(HTML) 2 Page - Figaro Engineering Inc.

  EM-FECS Datasheet HTML 1Page - Figaro Engineering Inc. EM-FECS Datasheet HTML 2Page - Figaro Engineering Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV: 03/19
PRODUCT INFORMATION
Schematic Diagram:
Sensor Model No.
Amplifying factor for I-V
conversion
Bias voltage
Base voltage
Volume adjustment
FECS40, FECS50
JP1
33,000 x
JP6
-
1.00V
No need
FECS44-5000
JP2
100,000 x
JP6
-
1.00V
No need
FECS43, FECS44-
100, FECS-1000
JP3
200,000 x
JP6
-
1.00V
No need
FECS44-200
JP4
330,000 x
JP6
-
1.00V
No need
FECS41
JP1
33,000 x
JP5
+300mV
1.00V
No need
FECS42
JP3
200,000 x
JP6
-
4.00V
Necessary(*4)
FECS45
JP4
330,000 x
JP6
-
4.00V
Necessary(*4)
D-SEN
(Sensor)
C
W
104
+5v
10k
104
IC3
104
10
10
1k
JP2
JP3
JP4
JP1
JP5
JP6
10k
VR1
20k
R
D
S
G
NJU7062M
R2
R3
R4
R5
1M
R8
R7
R9
R11
R6
NJU7062M
R12
R13
R1
33k
100k
200k
330k
CN1
VIN
GND
VOUT
104
C3
C6
C7
VBASE
NC
CP1
CP2
CP3
CP4
CP5
CP6
CP7
CP8
104
(0.7v)
C5
R10
3.3k
NJU7062M
MMBF176
J-FET
1pin
2pin 2
2
1
1
3pin
4pin
5pin
1k
100k
2
3
1
IC1
104
NJU7062M
C2
C1
5
6
7
7
IC3
5
6
IC2
104
NJU7062M
C4
6
5
7
IC2
2
3
1
NJU7062M
IC1
2
3
1
Settings by sensor model (Jumper pin connections and Volume adjustment)(*3)
Pin No.
Name
Description
1
VIN
Input voltage
5.0±0.2V DC
2
VBASE
Base voltage 1.00V±0.05V at time
of factory setting
3
VOUT
Output voltage
4
-
No connection
5
GND
Ground
*3
Jumper pins are connected to JP3 and JP6 respectively at time of factory setting.
*4
Base voltage adjustment method: Please adjust base voltage to 4.0V by VR1 while measuring the voltage value
between VBASE (Pin 2) and GND (Pin 5).
Pin connections:
Sensor output current Is (μA) is calculated from output voltage VOUT (V)
between Pin #3 (VOUT) and Pin #5 (GND) using the following formula:
Is= ((VOUT[Gas] - VOUT[Air]) / I-V conversion amp. factor) x 106
where: VOUT[Air]: sensor output voltage in zero air
VOUT[Gas]: sensor output voltage in target gas
Example: When output voltage of FECS 50-100 (typical sensitivity of
0.7μA for H2S) are as follows:
VOUT[Air] = 1.00V
VOUT[Gas] = 1.23V
Is = ((1.23-1.00)/33,000) ×106 ≈ 7μA
* The calculated Is value corresponds to the sensor output in around
10ppm H2S.
Caution:
This module is designed for evaluation of the FECS-
series sensors only. Please do not use this module for
any other purpose.
FIGARO ENGINEERING INC.
1-5-11 Senba-nishi
Mino, Osaka 562-8505 JAPAN
Tel: 81-72-728-2561
Fax: 81-72-728-0467
email: figaro@figaro.co.jp
www.figaro.co.jp



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com