Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8810A Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

No. de pieza 8810A
Descripción Electrónicos  N-channel power MOS field effect tube
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Página de inicio  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

8810A Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  8810A Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
深圳市富满电子集团股份有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
8810A (文件编号:S&CIC1380)
N 沟道功率 MOS 场效应用管
www.superchip.cn
1 页 共 1 页
Version 1.0
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
22-May-2013
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\8810.ddb Drawn By:
D1/D2
S1
S2
S1
S2
G1
G2
D1/D2
1
2
3
4
5
6
7
8
TSSOP-8
绝对最大额定值(TA=25℃,除非另有说明。)
参数
符号
单位
漏源电压
VDS
20
V
栅源电压
VGS
±12
V
漏极电流
ID
5
A
漏极脉冲电流
IDM
20
A
存储温度
TSTG
-55 to +150
工作结温
TJ
-55 to +150
电特性(TA=25℃,除非另有说明。)
特性(
OFF)
参数
符号
测试条件
最小
典型
最大
单位
漏源击穿电压
BVDSS
VGS=0V, IDS=250uA
19.5
20
--
V
栅源短路时漏极电流
IDSS
VDS=19V, VGS=0V
--
--
1
uA
漏极短路时截止栅电流
IGSS
VGS=±12V, VDS=0V
--
--
±100
nA
特性(
ON)
栅极阈值电压
VGS
TH
VDS=VGS, IDS=250uA
0.5
0.7
1.1
V
漏源电阻
RDS
ON
VGS=4.5V, ID=5A
--
12
17
VGS=2.5V, ID=4A
--
17
24


Número de pieza similar - 8810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emcore Corporation
8810A EMCORE-8810A Datasheet
387Kb / 19P
System 8000 Fiber-Optic Interfacility Links
More results

Descripción similar - 8810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK591 NEC-2SK591 Datasheet
126Kb / 3P
N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK699 NEC-2SK699 Datasheet
144Kb / 3P
N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK703 NEC-2SK703 Datasheet
145Kb / 3P
N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK704 NEC-2SK704 Datasheet
126Kb / 3P
N - CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
List of Unclassifed Man...
2SK701 ETC-2SK701 Datasheet
41Kb / 1P
N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
NEC
2SK700 NEC-2SK700 Datasheet
144Kb / 3P
N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
SHENZHEN FUMAN ELECTRON...
7268 FUMAN-7268 Datasheet
134Kb / 2P
N-channel field effect power tube
8205SS FUMAN-8205SS Datasheet
93Kb / 1P
N-channel power MOS field effect tube
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
logo
Renesas Technology Corp
2SK1493 RENESAS-2SK1493 Datasheet
589Kb / 11P
N-CHANNEL MOS FIELD EFFECT POWER TRANSISTORS
1993
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com