Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EMZB21A03VG Datasheet(PDF) 4 Page - Excelliance MOS Corp.

No. de pieza EMZB21A03VG
Descripción Electrónicos  Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXCELLIANCE [Excelliance MOS Corp.]
Página de inicio  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMZB21A03VG Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMZB21A03VG Datasheet HTML 1Page - Excelliance MOS Corp. EMZB21A03VG Datasheet HTML 2Page - Excelliance MOS Corp. EMZB21A03VG Datasheet HTML 3Page - Excelliance MOS Corp. EMZB21A03VG Datasheet HTML 4Page - Excelliance MOS Corp. EMZB21A03VG Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/12/25 
p.4 
EMZB21A03VG
T   = ‐55° C
V   ‐ Gate‐Source Voltage( V )
1
5
0
10
2.0
1.5
GS
V   = 10V
20
15
25
30
DS
A
3.0
2.5
3.5
25° C
125° C
Transfer Characteristics
Body Diode Forward Voltage Variation 
with Source Current and Temperature
25° C
T   = 125° C
V   ‐ Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V    = 0V
1
10
100
A
GS
1.0
0.8
1.2
‐55° C
1.4
On‐Resistance Variation with Gate‐Source Voltage
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0
2
0.01
0.03
0.02
GS
4
6
T   = 25°C
A
A
0.07
0.05
0.04
0.06
0.08
810
I   = 5 A
D
V   ‐ Drain Source Voltage( V )
0
0
16
DS
1
2
6V
32
40
7V
5V
3
45
4.5V
On‐Region Characteristics
8
24
V  = 10V
GS
I   ‐ Drain Current(A)
1.6
0.8
0
1.2
1.0
1.4
8
D
16
GS
V    = 4.5 V
2.2
1.8
2.0
2.4
24
32
7.0 V
6.0 V
5.0 V
10 V
40
On‐Resistance Variation with Drain Current and Gate Voltage
On‐Resistance Variation with Temperature
T  ‐ Junction Temperature (°C)
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 9A
V   = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
  



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com