Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPF1441C Datasheet(PDF) 8 Page - 3PEAK INC.

No. de pieza TPF1441C
Descripción Electrónicos  72M HD Composite Video Filter Driver with Clamped input Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3PEAK [3PEAK INC.]
Página de inicio  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF1441C Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TPF1441C Datasheet HTML 4Page - 3PEAK INC. TPF1441C Datasheet HTML 5Page - 3PEAK INC. TPF1441C Datasheet HTML 6Page - 3PEAK INC. TPF1441C Datasheet HTML 7Page - 3PEAK INC. TPF1441C Datasheet HTML 8Page - 3PEAK INC. TPF1441C Datasheet HTML 9Page - 3PEAK INC. TPF1441C Datasheet HTML 10Page - 3PEAK INC. TPF1441C Datasheet HTML 11Page - 3PEAK INC. TPF1441C Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.3peakic.com.cn
Rev.0
8 / 13
TPF1441C
72M HD Composite Video Filter Driver with Clamped input Comparator
Application Information
The TPF1441C is targeted for systems that require 1 channel high-definition (HD) video outputs. Although it can be used for
numerous other applications, the needs and requirements of the video signal are the most important design parameters of the
TPF1441C. The TPF1441C incorporates many features not typically found in integrated video parts while consuming very low power.
Internal Sync Clamp
The typical embedded video DAC operates from a ground referenced single supply. This becomes an issue because the lower
level of the sync pulse output may be at a 0V reference level to some positive level. The problem is presenting a 0V input to most
single supply driven amplifiers will saturate the output stage of the amplifier resulting in a clipped sync tip and degrading the video
image. A larger positive reference may offset the input above its positive range.
The TPF1441C features an internal sync clamp and offset function to level shift the entire video signal to the best level before it
reaches the input of the amplifier stage. These features are also helpful to avoid saturation of the output stage of the amplifier by
setting the signal closer to the best voltage range.
The simplified block diagram of the TPF1441C is on Page-2. The AC coupled video sync signal is pulled negative by a current
source at the input of the comparator amplifier. When the sync tip goes below the comparator threshold the output comparator is
driven negative, The PMOS device turns on clamping sync tip to near ground level. The network triggers on the sync tip of video
signal.
Comparator Internal Clamp
TPF1441C integrates a comparator, which supports UTC function monolithically. Because of the distortion of the control signal
transmitted over a long cable, the rising/falling edges would become slower and the amplitude would be attenuated. Furthermore the
DC component may be shifted due to inconsistent DC ground level between sending and receiving devices. In a traditional design,
the reference of the comparator needs to be manually changed accordingly. In order to solve this application problem, TPF1441C
implements a new feature on the input of comparator which clamps the bottom level of the input signal to 40.0 mV. Therefore, there
is no need to consider the DC shift issue when choosing reference level, making the choice of reference level easier. Note that, to
use this feature, the input must be AC-coupled and the capacitor selection is based on the control signal bandwidth. Typically a 0.1uF
capacitor is used..
Reference = 40mV +
Threshold
Input with AC couple
VCC
Droop Voltage and DC Restoration
Selection of the input AC-coupling capacitance is based on the system requirements. A typical sync tip width of a 64μs NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com