Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPF144 Datasheet(PDF) 5 Page - 3PEAK INC.

No. de pieza TPF144
Descripción Electrónicos  4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3PEAK [3PEAK INC.]
Página de inicio  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF144 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPF144 Datasheet HTML 1Page - 3PEAK INC. TPF144 Datasheet HTML 2Page - 3PEAK INC. TPF144 Datasheet HTML 3Page - 3PEAK INC. TPF144 Datasheet HTML 4Page - 3PEAK INC. TPF144 Datasheet HTML 5Page - 3PEAK INC. TPF144 Datasheet HTML 6Page - 3PEAK INC. TPF144 Datasheet HTML 7Page - 3PEAK INC. TPF144 Datasheet HTML 8Page - 3PEAK INC. TPF144 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPF144
4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
20
Typical Performance Characteristics All test condition is VDD = 3.3V, TA = +25°C, RL =
150Ω to GND, unless otherwise noted.
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-0.1dB@7MHz
Figure1. Small-Scale Frequency Response
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
-0.1dB@50MHz
Figure2. Large-Scale Frequency Response
-5
5
100k
1M
10M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=20p
CL=5pF
CL=15pF
Figure3. Gain Vs. Frequency With CLOAD (SD Channel)
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=5pF
CL=20p
CL=15pF
Figure4. Gain Vs. Frequency With CLOAD(FHD Channel)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
Figure5. Group Delay vs Frequency(SD Channel)
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
1M
10M
100M
1G
FREQUENCY (Hz)
VDD=3.3V
RL=150Ω
CL=15pF
Figure6. Group Delay vs Frequency(FHD Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com