Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PA241DF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza PA241DF
Descripción Electrónicos  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

PA241DF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA241DF Datasheet HTML 1Page - List of Unclassifed Manufacturers PA241DF Datasheet HTML 2Page - List of Unclassifed Manufacturers PA241DF Datasheet HTML 3Page - List of Unclassifed Manufacturers PA241DF Datasheet HTML 4Page - List of Unclassifed Manufacturers PA241DF Datasheet HTML 5Page - List of Unclassifed Manufacturers PA241DF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT TYP.—2.2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120mA PEAK
• AVAILABLE IN DIE FORM—CPA241
APPLICATIONS
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• BIOCHEMISTRY STIMULATORS
• COMPUTER TO VACUUM TUBE INTERFACE
DESCRIPTION
The PA241 is a high voltage monolithic MOSFET operational
amplifier which achieves performance features previously
found only in hybrid designs while increasing reliability. Inputs
are protected from excessive common mode and differential
mode voltages. The safe operating area (SOA) has no second
breakdown limitation and can be observed with all type loads
by choosing an appropriate current limiting resistor. External
compensation provides the user flexibility in choosing optimum
gain and bandwidth for the application.
The PA241CE is packaged in a hermetically sealed 8-pin
TO-3 package. The metal case of the PA241CE is isolated in
excess of full supply voltage.
The PA241DF is packaged in a 24 pin PSOP (JEDEC MO-
166) package. The metal heat slug of the PA241DF is isolated
in excess of full supply voltage.
The PA241DW is packaged in Apex’s hermetic ceramic SIP
package. The alumina ceramic isolates the die in excess of
full supply voltage.
EQUIVALENT SCHEMATIC
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
�����
���
�����
����������
���
��
���
��
��
����
����
����
����
��
��
���
���
����
����
��
�����
��
�����
LOW COST 660V p-p
PIEZO DRIVE
Two PA241 amplifiers operated as a bridge driver for a piezo
transducer provides a low cost 660 volt total drive capability.
The R
N CN network serves to raise the apparent gain of A2 at
high frequencies. If R
N is set equal to R the amplifiers can be
compensated identically and will have matching bandwidths.
EXTERNAL CONNECTIONS
RCL
1
4
5
6
7
3
2
8
9 10
CC
+IN
-IN
NC NC -VS +VS
ILIM CC2 CC1 OUT
PA241DW
RCL
TOP VIEW
1
2
3
4
5
6
7
8
OUT
ILIM
–VS
+VS
CC1
–IN
+IN
CC2
CC
NOTE: PA241CE Recommended mounting torque is 4-7
in•lbs (.45 -.79 N•m)
CAUTION: The use of compressible, thermally conductive
insulators may void warranty.
PA241CE
8-PIN TO-3
24-PIN PSOP
10-PIN SIP
PACKAGE STYLE CE
PACKAGE STYLE DF
PACKAGE STYLE DW
ILIM
OUT
-IN
+IN
+VS
-VS
CC2
CC1
TYPICAL APPLICATION
Ref: APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
C
C
R
CL
NC
NC
NC
NC
-IN
NC
+IN
NC
NC
NC
NC
-VS
NC
NC
NC
OUT
NC
COMP
NC
COMP
NC
ILIM
NC
+VS
24
1
PA241DF
For CC values, see graph on page 4.
Note: CC must be rated for full supply
voltage.


Número de pieza similar - PA241DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
PA241DF CIRRUS-PA241DF Datasheet
754Kb / 7P
High Voltage Power Operational Amplifier
More results

Descripción similar - PA241DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6