Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GPCR06B Datasheet(PDF) 8 Page - Generalplus Technology Inc.

No. de pieza GPCR06B
Descripción Electrónicos  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENERALPLUS [Generalplus Technology Inc.]
Página de inicio  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06B Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCR06B Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 9Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 10Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 11Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 12Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
GPCR06B
VDD
OPT
OP1O
AVDD
PLAY_BUSY
RECLED
V
DD
AVSS
OP1I
VSS
TEST
RECO
PLAY
MIC
AUDOUT
22
µF
R1
Bonding option for altering
sampling frequency
2.2K
0.1
µF~1µF
Adjustable for altering
lowpass filter gain and f
3db
(R1=5.1Kohm, R2=510Kohm
C1=150pf is suggested)
CE
ACIN
AUDP
AUDN
SPY0012B
(SPY0030A)
Adjustable for
altering volume control
© Generalplus Technology Inc.
Proprietary & Confidential
8
MAR. 03, 2005
Version: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com