| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SP304CS Datasheet(PDF) 10 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP304CS Datasheet(HTML) 10 Page - Sipex Corporation |
|
10 / 12 page ![]() Corporation SIGNAL PROCESSING EXCELLENCE 86 SP304 CONFIGURATIONS IN LOOPBACK MODE Two -Channel Full Duplex RS-232 One-Channel Full Duplex RS-232 & One-Channel Full Duplex RS-422 LOOPBACK The SP304 has a function called loopback, which is essentially a chip self-test. However, by connecting system test loops with the inputs and outputs of the SP304, a system-level diagnostic can be run on power-up or on command. The test loops can be RIA1 ROA1 TOA1 TIA1 RIB1 ROB1 TOB1 TIB1 RS-232 LINE DRIVER RS-232 RECEIVER SELECT A = 0 SELECT B = 0 LB = 0 (ACTIVE) RIA2 ROA2 TOA2 TIA2 RIB2 ROB2 TOB2 TIB2 RS-232 LINE DRIVER RS-232 RECEIVER RS-232 LINE DRIVER RS-232 RECEIVER RS-232 LINE DRIVER RS-232 RECEIVER RIA1 ROA1 TOA1 TIA1 RIB1 ROB1 TOB1 TIB1 RS-232 LINE DRIVER RS-232 RECEIVER SELECT A = 0 SELECT B = 1 LB = 0 (ACTIVE) TOB2 RIB2 TOA2 TIA2 RIA2 ROA2 RS-422 LINE DRIVER RS-422 RECEIVER RS-232 LINE DRIVER RS-232 RECEIVER enabled and disabled allowing both system test and operation with the same components. A maximum data rate for loopback of 3kbps is recommended. Loopback is a pin-programmable function, activated byalogiclowontheLBpin(19). As shown in these figures, the loopback function internally con- |