| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS8308AGILF Datasheet(PDF) 1 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8308AGILF Datasheet(HTML) 1 Page - Integrated Circuit Systems |
|
1 / 15 page ![]() 8308AGI www.icst.com/products/hiperclocks.html REV. B JULY 25, 2005 1 Integrated Circuit Systems, Inc. ICS8308I LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER BLOCK DIAGRAM PIN ASSIGNMENT ICS8308I 24-Lead, 300-MIL TSSOP 4.4mm x 7.8mm x 0.92mm body package G Package Top View Q0 GND CLK_SEL LVCMOS_CLK CLK nCLK CLK_EN OE VDD GND Q1 VDDO VDDO Q2 GND Q3 VDDO Q4 GND Q5 VDDO Q6 GND Q7 GENERAL DESCRIPTION The ICS8308I is a low-skew, 1-to-8 Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8308I has two selectable clock inputs. The CLK, nCLK pair can accept most differential input levels. The LVCMOS_CLK can accept LVCMOS or LVTTL input levels. The low impedance LVCMOS/LVTTL outputs are designed to drive 50 Ω series or parallel terminated transmission lines. The effective fanout can be increased from 8 to 16 by utilizing the ability of the outputs to drive two series terminated transmission lines. The ICS8308I is characterized for 3.3V core/3.3V output, 3.3V core/2.5V output or 2.5V core/2.5V output operation. Guaranteed output and part-part skew characteristics make the 8308I ideal for those clock distribution applications requiring well defined performance and repeatability. FEATURES • 8 LVCMOS/LVTTL outputs (7Ω typical output impedance) • Selectable LVCMOS_CLK or differential CLK, nCLK inputs • CLK, nCLK pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL • Maximum Output Frequency: 350MHz • Output Skew: (3.3V± 5%): 100ps (maximum) • Part to Part Skew: (3.3V± 5%): 1ns (maximum) • Supply Voltage Modes: (Core/Output) 3.3V/3.3V 3.3V/2.5V 2.5V/2.5V • -40°C to 85°C ambient operating temperature • Available in both, Standard and RoHS/Lead-Free compliant packages 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LVCMOS_CLK CLK nCLK CLK_SEL CLK_EN OE D LE Q 1 0 Pullup Pullup Pullup Pulldown Pullup Pullup |
Número de pieza similar - ICS8308AGILF |
|
Descripción similar - ICS8308AGILF |