Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM9802 Datasheet(PDF) 49 Page - OKI electronic componets

No. de pieza MSM9802
Descripción Electrónicos  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 44Page - OKI electronic componets MSM9802 Datasheet HTML 45Page - OKI electronic componets MSM9802 Datasheet HTML 46Page - OKI electronic componets MSM9802 Datasheet HTML 47Page - OKI electronic componets MSM9802 Datasheet HTML 48Page - OKI electronic componets MSM9802 Datasheet HTML 49Page - OKI electronic componets MSM9802 Datasheet HTML 50Page - OKI electronic componets MSM9802 Datasheet HTML 51Page - OKI electronic componets MSM9802 Datasheet HTML 52Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49/51
MSM9802/03/05-xxx
¡ Semiconductor
(Unit : mm)
PACKAGE DIMENSIONS
DIP18-P-300-2.54
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
1.30 TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52