| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A0820-2R5474-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
A0820-2R5474-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved. |
|
1 / 3 page ![]() Technical Data 4302 Effective June 2017 Supersedes December 2007 A Supercapacitors Cylindrical cells Description Eaton supercapacitors are unique, ultra-high capacitance devices utilizing electrochemical double layer capacitor (EDLC) construction combined with new, high performance materials. This combination of advanced technologies allows Eaton to offer a wide variety of capacitor solutions tailored to specific applications that range from a few micro-amps for several days to several amps for milliseconds. Features • Very low ESR • Low leakage current • Long cycle life • High usable capacity Applications • Pulse power • Hold-up power • DC/DC converters • Hybrid battery packs • Valve / solenoid actuation Discontinued effective December 29, 2017 or until inventory is depleted. There is no direct replacement. Possible alternate solution is HV family data sheet 4376. See PCN 17037 for more details. |
Número de pieza similar - A0820-2R5474-R |
|
Descripción similar - A0820-2R5474-R |