| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSM82C54-2JS Datasheet(PDF) 22 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM82C54-2JS Datasheet(HTML) 22 Page - OKI electronic componets |
|
22 / 23 page ![]() 22/23 ¡ Semiconductor MSM82C54-2RS/GS/JS (Unit : mm) Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). QFJ28-P-S450-1.27 Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin Cu alloy Solder plating 5 mm or more 1.00 TYP. Spherical surface |