| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
V62/13624-01XE-R Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
V62/13624-01XE-R Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 77 page ![]() Direction 0: Input 1: Output P2SEL.6 P2DIR.6 P2IN.6 P2IRQ.6 D EN Module X IN Module X OUT P2OUT.6 Interrupt Edge Select Q EN Set P2SEL.6 P2IES.6 P2IFG.6 P2IE.6 DVSS DVCC P2REN.6 Pad Logic 1 1 0 1 0 1 0 Bus Keeper EN P2SEL.7 P2.6/XIN/CA6 1 0 LFXT1CLK P2.7/XOUT/CA7 LFXT1 off BCSCTL3.LFXT1Sx = 11 From Comparator To Comparator CAPD.6 61 MSP430F2132-EP www.ti.com SLAS913A – JULY 2013 – REVISED AUGUST 2013 Product Folder Links: MSP430F2132-EP Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated (1) X = Don't care (2) Setting the CAPD.x bit disables the output driver as well as the input to prevent parasitic cross currents when applying analog signals. Selecting the CAx input to the comparator multiplexer with the P2CAx bits automatically disables the input buffer for that pin, regardless of the state of the associated CAPD.x bit. 6.9 Port P2 Pin Schematic: P2.6, Input/Output With Schmitt Trigger Table 24. Port P2 (P2.6) Pin Functions PIN NAME (P2.x) x FUNCTION CONTROL BITS AND SIGNALS(1) CAPD.6 P2DIR.6 P2SEL.6 P2SEL2.x = 0 P2.6/XIN/CA6 6 P2.6 (I/O) 0 I: 0; O: 1 0 XIN (default) X 1 1 CA6(2) 1 X 0 |