| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DFD6450 Datasheet(PDF) 1 Page - DISCO Corporation |
|
|
|||||||||||||||||||||||||||||
DFD6450 Datasheet(HTML) 1 Page - DISCO Corporation |
|
1 / 2 page ![]() Parallel dual dicing saw with 6000 Series features Featuring parallel dual-spindles, DFD6450 combines the best aspects of its predecessor, the DFD651, with the superior usability and process quality of the DFD6000 Series Dicing Saws. Designed to handle a wide range of dicing and grooving applications, the DFD6450 processes silicon, compound semiconductor wafers, ceramics and other materials used for electronic component applications. In addition, the DFD6450 also processes glass and other materials used for optical component applications. A parallel dual design unique to DISCO The DFD6450's parallel dual spindle design is unique to DISCO and offers several benefits. As the spindles are supported from the rear of the machine, they are easily accessible from the front for blade changes and other maintenance work. The design also supports specialized applications such as mounting multiple blades on each spindle for package singulation. DFD6450 Next generation parallel dual dicing saw Fully Automatic Dicing Saw Improved usability The 5-inch LCD touch panel with a Graphical User Interface allows for easy and intuitive operation. Shaft lock feature makes blade changes easy and quick. Cutting water flow rate controller is programmable via the touch panel for each individual device data. Control screen |
Número de pieza similar - DFD6450 |
|
Descripción similar - DFD6450 |