Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-1P Datasheet(PDF) 2 Page - Sanyou Corporation Limited

No. de pieza SML-1P
Descripción Electrónicos  Miniature High Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYOU [Sanyou Corporation Limited]
Página de inicio  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SML-1P Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SML-1P Datasheet HTML 1Page - Sanyou Corporation Limited SML-1P Datasheet HTML 2Page - Sanyou Corporation Limited SML-1P Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SML -S -1
12 L
M
H
1 -
F XX
-
SML P
-1
2/3
CQC
VDE
UL
Coil Voltage VDC
(
): 05, 06, 09, 12, 18, 24, 48, 60
ContactMaterial
Nil AgNi and AgSnO
AgSnO
-
,1-
,
22
SML
LW
- 0.22-0.29
8
8
10
,-
+
AgSnO
u lated
AgSnO
Au plated
22
+3
Ap
2-AgNi and
single pinning (left)
single pinning (right)
duble pinning
ratings
10A 250VAC
10A 2
VAC
50
8A 2
VAC
50
10A 250VAC
8A 250VAC
8A 250VAC
CQC17002172132
40046848
E190598
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will
be different. If more details are required, please contact us.
(3) For sealed type testing, please open the ventilation hole of case before test.



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com