| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1295A-R68M Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
|
|||||||||||||||||||||||||||||
MC1295A-R68M Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD. |
|
2 / 2 page ![]() FENG-JUI TECHNOLOGY CO., LTD HIGH CURRENT INDUCTOR-RoHS Your Perfect Inductor Rev.1601 GENERAL CHARACTERISTICS 1. Operating temperature range: -55 TO + 125 (Includes temperature when the coil is heated) ℃ 2. External appearance: On visual inspection, the coil has no external defects. 3. Terminal strength: After soldering. Between copper plate and terminals of coil. Push in two directions of X.Ywithstanding at below conditions. Terminal should not peel off. (refer to figure at right) 5. 0N 60 sec. 4. Insulating resistance: Over 100MΩ at 100V D.C. between coil and core. 5. Dielectric strength: No dielectric breakdown at 100V D.C. for 1 minute between coil and core. 6. Temperature characteristics: Inductance coefficient (0~2,000)x10-6/ ( ℃ -25~+80 ). ℃ 7. Humidity characteristics(Moisture Resistance): Inductance deviation within ±5%, after 96 hours in 90~95% relative humidity at 40 ±2 and 1 hour drying under normal condition. ℃ 8. Vibration resistance: Inductance deviation within ±5%, after vibration for 1 hour. In each of three orientations at sweep vibration (10~55~10 Hz) with 1.5mm P-P amplitudes. 9. Shock resistance: Inductance deviation within ±5%, after being dropped once with 981m/s2 (100G) shock attitude upon a rubber block method shock testing machine, in three different orientations. 10. Resistance to Soldering Heat: 260 , 10 seconds(See attached recommend reflow) ℃ 11. Storage environment: Storage condition: Temperature Range: 10 ~ 35 (Generally: 21 ~ 31 ) , ℃℃ ℃℃ Humidity Range: 50% ~ 80% RH (Generally: 65% ~ 75%) ; Transportation condition: Temperature Range: -35 ~ 85 , Humidity Range: 50% ~ 95% RH ℃℃ 12. Use components within 12 months. If 12 months or more have elapsed, check solderability before use. 13. Reflow profile recommend: 26 0 ℃ 23 0 ℃ 10 60 300 250 200 150 100 50 0 T( ℃ ) T (s 300 24 0 18 0 12 0 60 0 L e a d -f re e h e a t e n d u ra n ce t e s t 245℃ Peak 230℃ 40 170±10℃,60-120S 300 250 200 150 100 50 0 T(℃) T(s) 300 240 180 120 60 0 Lead-free the recommended reflow condition |