Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

175-4261 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza 175-4261
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  175-4261 Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 5Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 6Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 7Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 8Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
RWMA CLASS 1
RWMA CLASS 2
TUFFALOY
standard straight tips
Straight tips from TUFFALOY are distinguished for
their high conductivity and resistance to deformation,
which are the two major requirements of resistance
welding tips. Modern manufacturing methods and
constant scientific quality control make the difference,
starting with the alloying of pure copper, through bar
extrusion, and the conversion of this high-quality bar
stock into welding tips.
TUFFALOY ensures conformity to all standard
dimensions. Before shipment, all tips must pass
inspection by gage for uniform length, taper, and
outline of point.
C
1/2
1/2
B
E
E
A
F
D
F
D
B
A
AC
D
E
F
Overall WeIding Gauging Water Hole Water Hole
Length Face Dia.
Dia.
Depth
Dia.
1-1/8
A-1708
131-1708
A-2708
132-2708
1-1/8
A-1710
131-1710
A-2710
132-2710
1-1/8
A-1712
131-1712
A-2712
132-2712
1-1/8
A-1714
131-1714
A-2714
132-2714
1-1/8
A-1716
131-1716
A-2716
132-2716
2
9/32
.731
1-1/4
7/16
2-1/2
9/32
.731
1-3/4
7/16
3
9/32
.731
2-1/4
7/16
3-1/2
9/32
.731
2-3/4
7/16
4
9/32
.731
3-1/4
7/16
2
5/16
.844
1-1/4
1/2
2-1/2
5/16
.844
1-3/4
1/2
3
5/16
.844
2-1/4
1/2
3-1/2
5/16
.844
2-3/4
1/2
4
5/16
.844
3-1/2
1/2
1-1/4
1/4
.613
3/4
3/8
1-1/2
1/4
.613
3/4
3/8
1-3/4
1/4
.613
1
3/8
2
1/4
.613
1-1/4
3/8
2-1/4
1/4
.613
1-1/2
3/8
2-1/2
1/4
.613
1-3/4
3/8
2-3/4
1/4
.613
2
3/8
3
1/4
.613
2-1/4
3/8
3-1/4
1/4
.613
2-1/2
3/8
3-1/2
1/4
.613
2-3/4
3/8
3-3/4
1/4
.613
3
3/8
4
1/4
.613
3-1/4
3/8
1
3/16
.463
1/2
9/32
1-1/4
3/16
.463
3/4
9/32
1-1/2
3/16
.463
1
9/32
1-3/4
3/16
.463
1-1/4
9/32
2
3/16
.463
1-1/2
9/32
2-1/4
3/16
.463
1-3/4
9/32
2-1/2
3/16
.463
2
9/32
2-3/4
3/16
.463
2-1/4
9/32
3
3/16
.463
2-1/2
9/32
3-1/4
3/16
.463
2-3/4
9/32
3-1/2
3/16
.463
3
9/32
3-3/4
3/16
.463
3-1/4
9/32
4
3/16
.463
3-1/2
9/32
1
A-1608
131-1608
A-2608
132-2608
1
A-1610
131-1610
A-2610
132-2610
1
A-1612
131-1612
A-2612
132-2612
1
A-1614
131-1614
A-2614
132-2614
1
A-1616
131-1616
A-2616
132-2616
1/2
A-1505
131-1505
A-2505
132-2505
7/8
A-1506
131-1506
A-2506
132-2506
7/8
A-1507
131-1507
A-2507
132-2507
7/8
A-1508
131-1508
A-2508
132-2508
7/8
A-1509
131-1509
A-2509
132-2509
7/8
A-1510
131-1510
A-2510
132-2510
7/8
A-1511
131-1511
A-2511
132-2511
7/8
A-1512
131-1512
A-2512
132-2512
7/8
A-1513
131-1513
A-2513
132-2513
7/8
A-1514
131-1514
A-2514
132-2514
7/8
A-1515
131-1515
A-2515
132-2515
7/8
A-1516
131-1516
A-2516
132-2516
3/8
A-1404
131-1404
A-2404
132-2404
3/4
A-1405
131-1405
A-2405
132-2405
3/4
A-1406
131-1406
A-2406
132-2406
3/4
A-1407
131-1407
A-2407
132-2407
3/4
A-1408
131-1408
A-2408
132-2408
3/4
A-1409
131-1409
A-2409
132-2409
3/4
A-1410
131-1410
A-2410
132-2410
3/4
A-1411
131-1411
A-2411
132-2411
3/4
A-1412
131-1412
A-2412
132-2412
3/4
A-1413
131-1413
A-2413
132-2413
3/4
A-1414
131-1414
A-2414
132-2414
3/4
A-1415
131-1415
A-2415
132-2415
3/4
A-1416
131-1416
A-2416
132-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
NO. 4 RW TAPER - 1/2” DIAMETER
NO. 5 RW TAPER - 5/8” DIAMETER
NO. 6 RW TAPER - 3/4” DIAMETER
NO. 7 RW TAPER - 7/8” DIAMETER
B
Nose
Length
‘A’ POINTED NOSE
RWMA CLASS 1
RWMA CLASS 2
3/8
B-1708
133-1708
B-2708
134-2708
3/8
B-1710
133-1710
B-2710
134-2710
3/8
B-1712
133-1712
B-2712
134-2712
3/8
B-1714
133-1714
B-2714
134-2714
3/8
B-1716
133-1716
B-2716
134-2716
3/8
B-1608
133-1608
B-2608
134-2608
3/8
B-1610
133-1610
B-2610
134-2610
3/8
B-1612
133-1612
B-2612
134-2612
3/8
B-1614
133-1614
B-2614
134-2614
3/8
B-1616
133-1616
B-2616
134-2616
3/8
B-1505
133-1505
B-2505
134-2505
3/8
B-1506
133-1506
B-2506
134-2506
3/8
B-1507
133-1507
B-2507
134-2507
3/8
B-1508
133-1508
B-2508
134-2508
3/8
B-1509
133-1509
B-2509
134-2509
3/8
B-1510
133-1510
B-2510
134-2510
3/8
B-1511
133-1511
B-2511
134-2511
3/8
B-1512
133-1512
B-2512
134-2512
3/8
B-1513
133-1513
B-2513
134-2513
3/8
B-1514
133-1514
B-2514
134-2514
3/8
B-1515
133-1515
B-2515
134-2515
3/8
B-1516
133-1516
B-2516
134-2516
1/4
B-1404
133-1404
B-2404
134-2404
1/4
B-1405
133-1405
B-2405
134-2405
1/4
B-1406
133-1406
B-2406
134-2406
1/4
B-1407
133-1407
B-2407
134-2407
1/4
B-1408
133-1408
B-2408
134-2408
1/4
B-1409
133-1409
B-2409
134-2409
1/4
B-1410
133-1410
B-2410
134-2410
1/4
B-1411
133-1411
B-2411
134-2411
1/4
B-1412
133-1412
B-2412
134-2412
1/4
B-1413
133-1413
B-2413
134-2413
1/4
B-1414
133-1414
B-2414
134-2414
1/4
B-1415
133-1415
B-2415
134-2415
1/4
B-1416
133-1416
B-2416
134-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
B
Nose
Length
‘B’ DOME NOSE
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54