| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP223YN Datasheet(PDF) 19 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP223YN Datasheet(HTML) 19 Page - Power Integrations, Inc. |
|
19 / 20 page ![]() Rev. G 08/16 19 TOP221-227 www.power.com Part Ordering Information • TOPSwitch Product Family • II Series Number • Package Identifier G Plastic SMD-8 P Plastic DIP-8 Y Plastic TO-220/3 • Lead Finish N Lead Free • Tape & Reel and Other Options Blank Standard Configurations TL Tape & Reel, 1000 pcs minimum, G Package only TOP 222 G N TL PI-2077-081716 1 A J1 4 L 8 5 C G08A SMD-8 (G Package) D S .004 (.10) J2 -E- -D- B -F- M J3 DIM A B C G H J1 J2 J3 J4 K L M P α Inches 0.356-0.387 0.240-0.260 0.125-0.145 0.004-0.012 0.036-0.044 0.057-0.068 0.048-0.053 0.032-0.037 0.007-0.011 0.010-0.012 0.100 BSC 0.030 (MIN) 0.372-0.388 0-8 ° mm 9.05-9.83 6.10-6.60 3.18-3.68 0.10-0.30 0.91-1.12 1.45-1.73 1.22-1.35 0.81-0.94 0.18-0.28 0.25-0.30 2.54 BSC 0.76 (MIN) 9.45-9.86 0-8 ° Notes: 1. Package dimensions conform to JEDEC specification MS-001-AB (issue B, 7/85) except for lead shape and size. 2. Controlling dimensions are inches. 3. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. 4. D, E and F are reference datums on the molded body. K G α H .004 (.10) J4 P .010 (.25) M A S .420 .046 .060 .060 .046 .080 Pin 1 .086 .186 .286 Solder Pad Dimensions |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |