Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS1545CFP Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STPS1545CFP
Descripción Electrónicos  POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545CFP Datasheet(HTML) 7 Page - STMicroelectronics

  STPS1545CFP Datasheet HTML 1Page - STMicroelectronics STPS1545CFP Datasheet HTML 2Page - STMicroelectronics STPS1545CFP Datasheet HTML 3Page - STMicroelectronics STPS1545CFP Datasheet HTML 4Page - STMicroelectronics STPS1545CFP Datasheet HTML 5Page - STMicroelectronics STPS1545CFP Datasheet HTML 6Page - STMicroelectronics STPS1545CFP Datasheet HTML 7Page - STMicroelectronics STPS1545CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS1545CT/CF/CG/CFP/CR
7/8
PACKAGE MECHANICAL DATA
ISOWATT220AB
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8