| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FS9721_LP1 Datasheet(PDF) 38 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 Datasheet(HTML) 38 Page - Fortune Semiconductor Corp. |
|
38 / 41 page ![]() FS9721_LP1 Rev. 2.0 39/41 FS9711_LPX Demo Board loactin: RS232 PORT RS232 PORT RS232 PORT RS232 PORT Power SW J5 J6 J7 J8 U6 U5 U4 hFE Input ADP Input ADP2 Input JMP1 IC FS9721_LP1 IC FS9721_LP3 U7 Temp1 Temp2 J9 J10 LCD MODULE 8 1 2 3 4 5 6 7 1 2 SW3 DIP-2 1 2 SW2 DIP-2 * FS9711_LP3 Use * FS9711_LP1 No Use * FS9711B/Q100 Use RS232 ON/OFF Hz/duty Hold REL Range Select BL_CTR (LP3 / Q100 Use) MEA4 MEA3 MEA2 MEA1 CAP LCDC1 LCDC2 TSTB ADPC1 ADPC2 IC FS9721B/Q100 Diagram 39 Schematic 1. U4: Input Voltage, Resistance, Diode and Capacitance. 2. U5: Analog Signal to Ground. 3. U6: Input Voltage (mV), Hz and Duty Cycle. 4. U7: Unused. (Note: Use only in FS9721_LP3 & FS9721B/Q100.) 5. J1~J10: Please refer to “FS9721_LP1 Measurement Mode and Jumper Setup”. 6. S1~S6: Please refer to “FS9721_LP1 Demo Board Schematic”. 7. SW-DIP8: Please refer to “FS9721_LP1 Measurement Mode” (If switch SW to ON, it is Low Level) |