Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI5B9BA Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PI5B9BA
Descripción Electrónicos  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PI5B9BA Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PI5B9BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PI5B9BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PI5B9BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PI5B9BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REV1.0
4
H-17-4
P-Channel Enhancement Mode
Field Effect Transistor
PI5B9BA
TO-251
Halogen-Free & Lead-Free
NIKO-SEM
25℃
125℃
0
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
DC
100ms
10ms
1ms
1
10
100
1000
0.1
1
10
100
NOTE :
1.VGS= -10V
2.TC=25
˚C
3.R
θJC = 1.2˚C/W
4.Single Pulse
Operation in This
Area is Limited by
RDS(ON)
0
200
400
600
800
1000
0.001
0.01
0.1
1
10
100
Single Pulse
R
θJC = 1.2˚C/W
TC=25
˚C
0
2
4
6
8
10
0
30
60
90
120
150
VDS=-15V
ID=-12A
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge(nC)
Source-Drain Diode Forward Voltage
-VSD, Source-To-Drain Voltage(V)
Safe Operating Area
Single Pulse Maximum Power Dissipation
Single Pulse Time(s)
-VDS, Drain-To-Source Voltage(V)
Transient Thermal Response Curve
T1 , Square Wave Pulse Duration[sec]
Single Pulse
Duty cycle=0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Notes
1.Duty cycle, D= t1 / t2
2.RthJC = 1.2 ℃/W
3.TJ-TC = P*RthJC(t)
4.RthJC(t) = r(t)*RthJC



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com