Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD5B9BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PD5B9BA
Descripción Electrónicos  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PD5B9BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PD5B9BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PD5B9BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PD5B9BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PD5B9BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
H-13-4
P-Channel Enhancement Mode
Field Effect Transistor
PD5B9BA
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-1
-1.7
-3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±25V
±100 nA
Zero Gate Voltage Drain Current
IDSS
VDS = -24V, VGS = 0V
-1
A
VDS = -20V, VGS = 0V, TJ = 125 °C
-10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -12A
4.7
7
mΩ
VGS = -10V, ID = -12A
3.2
4.5
Forward Transconductance
1
gfs
VDS = -5V, ID = -12A
46
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -15V, f = 1MHz
6674
pF
Output Capacitance
Coss
1038
Reverse Transfer Capacitance
Crss
840
Gate Resistance
Rg
VGS =0V, VDS = 0V, f = 1MHz
3.7
Ω
Total Gate Charge
2
Qg (VGS=-10V)
VDS = -15V , VGS = -10V,
ID = -12A
140
nC
Qg(VGS=-4.5V)
71
Gate-Source Charge
2
Qgs
18
Gate-Drain Charge
2
Qgd
28
Turn-On Delay Time
2
td(on)
VDS = -15V ,
ID  -12A, VGS = -10V, RGEN =6Ω
21
nS
Rise Time
2
tr
37
Turn-Off Delay Time
2
td(off)
290
Fall Time
2
tf
145
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
3
IS
-80
A
Forward Voltage
1
VSD
IF = -12A, VGS = 0V
-1.3
V
Reverse Recovery Time
trr
IF = -12A, dlF/dt = 100A / S
36
nS
Reverse Recovery Charge
Qrr
21
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is -55A.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com