Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MR-20 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

No. de pieza MR-20
Descripción Electrónicos  MINERAL REDUCTION CARTRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PENTAIR [Pentair plc. All rights reserved.]
Página de inicio  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

MR-20 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  MR-20 Datasheet HTML 1Page - Pentair plc. All rights reserved. MR-20 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All Pentair trademarks and logos are owned by Pentair, Inc. All other brand or product names are trademarks or registered marks of their respective owners.
Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
© 2014 Pentair Filtration Solutions, LLC
FILTRATION & PROCESSING SOLUTIONS
EVERPURE-SHURFLO WORLD HEADQUARTERS, 1040 MUIRFIELD DRIVE, HANOVER PARK, IL 60133 USA • WWW.EVERPURE.COM
800.942.1153 MAIN (US ONLY) • 630.307.3000 MAIN • 630.307.3030 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO AUSTRALIA / NEW ZEALAND, 1-21 MONASH DRIVE, DANDENONG SOUTH, VIC, 3175, AUSTRALIA
1300.576.190 TEL • AU.EVERPURE@PENTAIR.COM EMAIL
EVERPURE-SHURFLO CHINA, 21F CLOUD 9 PLAZA, NO 1118, SHANGHAI, 200052, CHINA
86.21.3211.4588 TEL • 86.21.3211.4580 FAX • CHINA.WATER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO INDIA, GREEN BOULEVARD, B-9/A, 7TH FLOOR - TOWER B SECTOR 62, NOIDA - 201301
91.120.419.9444 TEL • 91.120.419.9400 FAX • INDIACUSTOMER@PENTAIR.COM EMAIL
EVERPURE-SHURFLO EUROPE, PENTAIR WATER BELGIUM BVBA, INDUSTRIEPARK WOLFSTEE, TOEKOMSTLAAN, 30 B-2200 HERENTALS, BELGIUM
+32.(0).14.283.500 TEL • +32.(0).14.283.505 FAX • SALES@EVERPURE-EUROPE.COM EMAIL
EVERPURE-SHURFLO JAPAN INC., HASHIMOTO MN BLDG. 7F, 3-25-1 HASHIMOTO, MIDORI-KU, SAGAMIHARA-SHI KANAGAWA 252-0143, JAPAN
81.(0)42.775.3011 TEL • 81.(0)42.775.3015 FAX • INFO@EVERPURE.CO.JP EMAIL
EVERPURE-SHURFLO SOUTHEAST ASIA, 390 HAVELOCK ROAD, #04-01, KING'S CENTRE, SINGAPORE 169662
65.6795.2213 TEL • FAX: 65.6795.2219 FAX • CSEVERPURE@PENTAIR.COM EMAIL
EV9273-69 MR14
Overall Dimensions
14.5" L x 3.25" dia. (36.8 cm)
Daily Production Rate
21 gpd (79.5 Lpd) Nominal. Water
pressure, feedwater quality and
temperature will effect actual daily
production rate.
Service Flow Rate
Dependant on water volume and pressure
in storage tank(s), and line size(s) to
equipment 21 gallons per day nominal
Rated Capacity
21 gpd (79.5 Lpd) nominal
Pressure Requirements
40 – 100 psi (2.7 – 6.9 bar), non-shock
Temperature
35 – 100°F (2 – 38°C)
Inlet TDS
1,500 ppm max recommended
The contaminants or other substances removed or reduced by this drinking
water system are not necessarily in your water. Do not use with water that is
microbiologically unsafe or of unknown quality without adequate disinfection before
or after the system.
SPECIFICATIONS
WARRANTY
Everpure water treatment systems by Pentair® (excluding replaceable elements) are
covered by a limited warranty against defects in material and workmanship for a period
of five years after date of purchase. Everpure replaceable elements (filter cartridges
and water treatment cartridges) are covered by a limited warranty against defects in
material and workmanship for a period of one year after date of purchase. See printed
warranty for details. Pentair will provide a copy of the warranty upon request.
EVERPURE® MR-20 REPLACEMENT CARTRIDGE
EV9273-69
14.5



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com