Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K-LD2-RFB-00H-02 Datasheet(PDF) 15 Page - RFbeam Microwave GmbH

No. de pieza K-LD2-RFB-00H-02
Descripción Electrónicos  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFBEAM [RFbeam Microwave GmbH]
Página de inicio  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2-RFB-00H-02 Datasheet(HTML) 15 Page - RFbeam Microwave GmbH

Back Button K-LD2-RFB-00H-02 Datasheet HTML 11Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 18Page - RFbeam Microwave GmbH K-LD2-RFB-00H-02 Datasheet HTML 19Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 15/20
Command List
All values are in hexadecimal notation unless other-
wise noted.
Param. Default Min
Max
Name
Description
S04
02
01
0A
Sampling rate
Sampling rate = value*1280Hz
Only valid after reset.
S05
10
01
40
Start up learn
Number of FFT blocks that are used to learn the noise threshold average at start up.
01: no average at start up, fastest start up time
40: best average at start up, slowest start up time
Only valid after reset.
S06
01
00
03
Function of miscella-
neous output
Configurable functions of the miscellaneous output pin. The functions directly repre-
sent the detection register.
Value
Function
Logic Low
Logic High
00
Detection
No detection
Valid detection
01
Direction
Backward/receding
Forward/approaching
02
Range
Low speed range
High speed range
03
Micro detection
No detection
Valid micro detection
Detailed information about the functions can be found in the command description of
the parameter R00.
S07
1E
14
50
Minimum
threshold offset
Defines the minimum threshold offset in dB with the ground line as reference.
S08
0A
01
30
Minimum
threshold margin
Defines the minimum margin between the noise average and the threshold curve.
S09
0A
00
FF
Threshold noise
adaption speed
The speed of the noise average threshold adaption can be set with this parameter.
The value defines after how many FFT blocks the noise threshold average is adapted
again.
S0A
01
00
01
Use FFT average
FFT averaging flag to reduce random noise.
00: averaging off
01: averaging on
Doubles the response and reaction time if enabled.
S0B
01
00
01
Use sensitivity
potentiometer
Flag to enable the usage of the analogue input for the sensitivity.
00: use digital sensitivity setting of parameter D01
01: use potentiometer input for sensitivity setting
S0C
01
00
01
Use hold time poten-
tiometer
Flag to enable the usage of the analogue input for the hold time.
00: use digital hold time setting of parameter D00
01: use potentiometer input for hold time setting
S0D
00
00
01
Use micro detection
for retriggering
Flag to enable the usage of the micro detection to retrigger the detection algorithm.
00: micro detection retriggering disabled
01: micro detection retriggering enabled
Table 8: Class S 8-Bit system parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com