Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EPCQ512/A Datasheet(PDF) 30 Page - Intel Corporation

No. de pieza EPCQ512/A
Descripción Electrónicos  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ512/A Datasheet(HTML) 30 Page - Intel Corporation

Back Button EPCQ512/A Datasheet HTML 26Page - Intel Corporation EPCQ512/A Datasheet HTML 27Page - Intel Corporation EPCQ512/A Datasheet HTML 28Page - Intel Corporation EPCQ512/A Datasheet HTML 29Page - Intel Corporation EPCQ512/A Datasheet HTML 30Page - Intel Corporation EPCQ512/A Datasheet HTML 31Page - Intel Corporation EPCQ512/A Datasheet HTML 32Page - Intel Corporation EPCQ512/A Datasheet HTML 33Page - Intel Corporation EPCQ512/A Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Operation
Operation Code(14)
Address Bytes
Dummy Clock
Cycles
Data Bytes
DCLK fMAX
(MHz)
Extended dual input fast
write bytes
D2h
3 or 4
0
1 to 256(17)
100
Extended quad input fast
write bytes for EPCQ16,
EPCQ32, EPCQ64,
EPCQ128 and EPCQ256
devices
12h
3 or 4
0
1 to 256(17)
100
Extended quad input fast
write bytes for
EPCQ512/A devices
38h
3 or 4
0
1 to 256(17)
100
Erase bulk
C7h
0
0
0
100
Erase sector
D8h
3 or 4
0
0
100
Erase subsector
20h
3
0
0
100
4BYTEADDREN(18)
B7h
0
0
0
100
4BYTEADDREX(18)
E9h
0
0
0
100
1.7.1. 4BYTEADDREN and 4BYTEADDREX Operations (B7h and E9h)
To enable 4BYTEADDREN or 4BYTEADDREX operations, you can select the device by
driving the nCS signal low, followed by shifting in the operation code through DATA0.
Note:
You must execute a write enable operation before you can enable the 4BYTEADDREN
or 4BYTEADDREX operation.
Figure 6.
4BYTEADDREN Timing Diagram
2
0
Operation Code (B7h)
nCS
DCLK
DATA0
3 4
5 6
7
1
(14) List MSB first and LSB last.
(18) This operation is applicable for EPCQ256 and EPCQ512/A devices only.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com