Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2822D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

No. de pieza TDA2822D
Descripción Electrónicos  DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2822D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  TDA2822D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2822D Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/7
MAXIMUM RATINGS
Characteristics
Symbol
Va lue
Unit
Supply Vo ltage
Vcc
15
V
Output Peak Current
Ipk
1
A
To tal Power Dissipation(at Ta mb =50 ° C)
P D
1
W
To tal Power Dissipation(at Tcase=50 ° C)
P D
1.4
W
Operating Ambient Temp erature Range
Ta
-20~70
° C
Storage Temp erature Range
Ts tg
-40~150
° C
ELECTRICAL CHARACTERISTICS
1. Stereo Test Circuit(Unless otherwise specified Vcc=6V,Tamb=25°C)
Characteristic
Sy mbol
Test Condition
Min.
Ty p. Max.
Unit
Supply Vo ltage
Vcc
1.8
15
V
2.7
V
Quiescent Output
Vo ltage
Vo
Vcc=3V
1.2
V
Quiescent Drain
Current
Id
6
9
mA
Input Bias Current
I BA
100
nA
d=10%
f=1kHz
Vcc=3V
R L =4 Ω
Vcc=3V
R L =32 Ω
110
20
mW
Output Power
(Each Channel)
Po
d=10%
f=1kHz
Vcc=9V
R L =8 Ω
Vcc=6V
R L =4 Ω
Vcc=4.5V
R L =4 Ω
0.4
1
0.65
0.32
W
Distortion
THD
Po=0.5W
R L =8 Ω
f=1kHz
Vcc=9V
0.3
%
Closed Loop Vo ltage
Gain
Av f
f=1kHz
40
dB
Channel Balance
∆Avf
±1
dB
Input Resistance
Ri
f=1kHz
100
k Ω
Rs=10k Ω B=Cure A
2
μ V
To tal Input Noise
V NI
Rs=10k Ω B=22Hz to22kHz
3
Supply Vo ltage
rejection
SVR
f=100Hz C1=C2=100 μ F
24
30
dB
Channel Separation
CSR
f=1kHz
50
dB
TDA2822



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com