Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSD1815BZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SSD1815BZ
Descripción Electrónicos  LCD Segment / Common Driver with Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1815BZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1815BZ Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815BZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
3
SOLOMON
SSD1815B
Rev1.6
07/2002
FEATURES
Dot-matrix Display with separated Icon Line, 132 x 64 + 1 Icon Line
Single Supply Operation, 2.4V ~ 3.5V
Minimum -12.0V LCD Driving Output Voltage
Low Current Sleep Mode
On-Chip Voltage Generator or External LCD Driving Power Supply Selectable
2X / 3X / 4X On-Chip DC-DC Converter
On-Chip Oscillator
Programmable Multiplex ratio in dot-matrix display area, 1Mux ~ 64Mux
On-Chip Bias Divider
Programmable bias ratio, 1/4, 1/5, 1/6, 1/7, 1/8, 1/9
8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial Peripheral Interface
On-Chip 132 X 65 Graphic Display Data RAM
Re-mapping of Row and Column Drivers
Vertical Scrolling
Display Offset Control
64 Level Internal Contrast Control
External Contrast Control
Programmable LCD Driving Voltage Temperature Coefficients
Available in Gold Bump Die and TAB (Tape Automated Bonding) Package
ORDERING INFORMATION
Table 1 SSD1815B Ordering Information
Ordering Part
Number
Seg
Com
Default Bias
Package Form
Reference
SSD1815BZ
SSD1815BT
SSD1815BT2
132
64 + 1
1/9, 1/7
Gold Bump Die
70mm Folding TAB
48mm Folding TAB
Figure 2 on page 5
Figure 16 on page 32
Figure 18 on page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36