| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2703UT Datasheet(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2703UT Datasheet(HTML) 2 Page - Dallas Semiconductor |
|
2 / 20 page ![]() DS2703 SHA-1 Battery Pack Authentication IC 2 of 20 ABSOLUTE MAXIMUM RATINGS Voltage Range on DQ, THM Pins Relative to Ground -0.3V to +18V Voltage Range on VB Pin Relative to Ground -0.3V to +6V Operating Temperature Range -40°C to +85°C Storage Temperature Range -55°C to +125°C Soldering Temperature See IPC/JEDEC J-STD-020A Specification Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device. RECOMMENDED DC OPERATING CONDITIONS (TA = -20°C to +70°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Communication Mode 0 5.5 DQ Pullup Voltage VPULLUP Computation Mode 2.7 5.5 V DQ, THM Relative Voltage VDQ-THM (Note 1) -0.3 15 V DQ to THM Resistor RDQ-THM (Note 2) 5 500 K W DC ELECTRICAL CHARACTERISTICS (VPULLUP = 2.7V to 5.5V, TA = -20°C to +70°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS IDQ1 Communication Mode 5 mA IDQ2 Computation Mode, SHA-1 Computation Active 0.5 mA IDQ3 Thermistor Mux Active, (Note 3) 1 mA IPP 14.5 < V(DQ) < 15.0V 0 < t < 50 oC 10 mA DQ Load Current IPP-IDLE (Note 4) 60 mA DQ Programming Voltage VPP Program Pulse, (Note 5, 6) 14.5 15.0 V Input Logic High: DQ VIH (Note 6) 0.8 VPULLUP V Input Logic Low: DQ VIL (Note 6) 0.5 V Output Logic Low: DQ VOL-DQ IOL = 4mA, (Note 6, 7) 0.4 V Output Logic Low: THM VOL-THM IOL = 4mA, (Note 6, 7, 8) 0.4 V Hold-Up Current: VB pin IHU THM pin Active, VB = 2.70V 3.2 mA DQ Capacitance CDQ (Note 9) 50 pF EEPROM RELIABILITY SPECIFICATION (VPULLUP = 2.7V to 5.5V, TA = -20°C to +70°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS EEPROM Write Endurance NEEC 0 < t < 50 oC (Note 10) 1000 Cycles |