Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAS6505BA1WAD05 Datasheet(PDF) 6 Page - Micro Analog systems

No. de pieza MAS6505BA1WAD05
Descripción Electrónicos  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAS [Micro Analog systems]
Página de inicio  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1WAD05 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6505BA1WAD05 Datasheet HTML 2Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 3Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 4Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 5Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 6Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 7Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 8Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 9Page - Micro Analog systems MAS6505BA1WAD05 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
DA6505.005
11 June 2018
6 (44)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +90oC, VDD = 1.71V to 5.5V, Typ TA = 25°C, Typ VDD = VDDIO = 1.8 V, Typ VDDS = 1.68 V, RSENSOR = 6k
unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ADC Linearity
INLADC
GAINx=1
OSRx = ¼
OSRx = ½
OSRx = 1
OSRx = 2
OSRx = 4
OSRx = 8
OSRx = 16
x = P or T, note 1
3700 (11.2)
760 (13.5)
260 (15.1)
310 (14.8)
360 (14.6)
330 (14.7)
260 (15.1)
LSB (bit)
Sensor Input
Linearity
INLAFE
GAINx=4.7
VIN=VIN_LIN_MIN...VIN_LIN_MAX
OSRx = ¼
OSRx = ½
OSRx = 1
OSRx = 2
OSRx = 4
OSRx = 8
OSRx = 16
x = P or T, note 1
3800 (11.2)
610 (13.8)
340 (14.7)
470 (14.2)
510 (14.1)
460 (14.3)
430 (14.4)
LSB (bit)
ADC VDD
Sensitivity
VDDSENSADC
GAINx=1, OSRx = 16,
VIN=VIN_LIN_MIN...VIN_LIN_MAX
Note 2
±0.0008
%FS/V
ADC Input Signal
Range
ISRADC
VDDS=1.68V
1400
mVpp
ADC Linear Input
Signal Range
ISRLINADC
VDDS=1.68V
10%...90% (80%) of
ISRADC
1120
mVpp
Full Scale Output
Code Range
Values
CODEFS
0
11184810
-
Linear Range
Output Code
Values (10%...90%
of Full Scale Code
Range)
CODELIN
1118481
10066329
-
EEPROM size
Note 3
512
bit
EEPROM data
write time
Note 4
13
ms
EEPROM data
retention
TA = +125 °C, AEC-Q100-
005, Note 5
20
years
Note 1. Linearity in bits is calculated from output code as follows: INL [bit] = log(80%*CODEFSMAX / INL)/log(2) when integral nonlinearity (INL)
is calculated from best fit line to linear input signal range containing 21 pcs analysis points.
Note 2. VDD is stepped from 1.8V to 3.6V and VDD sensitivity in %FS/V calculated as
VDDSENS =100%*(CODE(VDD=3.6V) –CODE(VDD=1.8V))/CODEFS/(3.6V-1.8V)
Note 3. 48 bits out of 512 bits are reserved for internal EEPROM oscillator and clock oscillator trimming, temperature and pressure
measurement gain and offset configurations and sensor resistance trimming. The remaining 464 bits can be freely used for storing calibration
coefficients and other data.
Note 4. There should be at least a 13ms delay after each EEPROM write since EEPROM programming can take up to 13ms.
Note 5. Data retention values apply when extended EEPROM tests are done. Please contact Micro Analog Systems Oy if the data retention
values here need to be guaranteed by comprehensive EEPROM testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com