Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP72200 Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza AP72200
Descripción Electrónicos  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72200 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP72200 Datasheet HTML 3Page - Diodes Incorporated AP72200 Datasheet HTML 4Page - Diodes Incorporated AP72200 Datasheet HTML 5Page - Diodes Incorporated AP72200 Datasheet HTML 6Page - Diodes Incorporated AP72200 Datasheet HTML 7Page - Diodes Incorporated AP72200 Datasheet HTML 8Page - Diodes Incorporated AP72200 Datasheet HTML 9Page - Diodes Incorporated AP72200 Datasheet HTML 10Page - Diodes Incorporated AP72200 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AP72200
Electrical Characteristics (cont.)
I
2
C – Compatible Interface Timing (Standard, Fast, and Fast Mode Plus) (Note 8)
FSCL
Clock Frequency
MHz
tSU;STA
Setup Time (Repeated) Start
Condition
SCL rising edge to SDA falling
edge; Both crossing High
threshold
0.26
μs
tHD;STA
Hold Time (Repeated) Start
Condition
From SDA falling edge
crossing Low threshold to SCL
falling edge crossing High
threshold
0.26
μs
tLOW
SCL low period
Time measured during the
Low voltage threshold
0.5
μs
tHIGH
SCL high period
Time measured during the
High voltage threshold
0.26
μs
tHD;DAT
Input Data Hold Time
From SCL falling edge
crossing Low threshold to
SDA entering the Low-High
window
0
μs
tSU;DAT
Input Data Setup Time
From SDA exiting the Low-
High window to SCL rising
edge crossing Low threshold
50
ns
tSU;STO
Setup Time for Stop Condition
From SCL rising edge
crossing High threshold to
SDA rising edge crossing Low
threshold
0.26
μs
tBUF
Bus-Free Time Between Stop and
Start
From SDA crossing High
threshold during STOP
condition to SDA crossing
High threshold for the
following START condition
0.5
μs
tSP
Maximum Pulse width of Spike That
Must be Suppressed by the Input
Filter
Any pulse width narrower than
the maximum specification is
suppressed
50
ns
CB
Capacitive Load for each Bus Line
Total on-chip and off-chip
capacitance
550
pF
Note:
8. All minimum and maximum parameters compliance to the datasheet limits are assured by one or more methods: production test, characterization, and/or
design.
AP72200
Document number: DS40869 Rev. 3 - 2
7 of 30
www.diodes.com
July 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com