Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AL8823 Datasheet(PDF) 8 Page - Diodes Incorporated

No. de pieza AL8823
Descripción Electrónicos  MR16 SINGLE BOOST LED CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8823 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL8823 Datasheet HTML 4Page - Diodes Incorporated AL8823 Datasheet HTML 5Page - Diodes Incorporated AL8823 Datasheet HTML 6Page - Diodes Incorporated AL8823 Datasheet HTML 7Page - Diodes Incorporated AL8823 Datasheet HTML 8Page - Diodes Incorporated AL8823 Datasheet HTML 9Page - Diodes Incorporated AL8823 Datasheet HTML 10Page - Diodes Incorporated AL8823 Datasheet HTML 11Page - Diodes Incorporated AL8823 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL8823
Document number: DS39232 Rev. 1 - 2
8 of 14
www.diodes.com
May 2017
© Diodes Incorporated
AL8823
Application Information
Operation
The AL8823 is a boost converter that delivers an accurate constant current for driving LEDS. With hysteretic control scheme, the LED driver is
compatible with most of commonly used electronic transformers. The driver can be compatible with leading-edge dimmer and trailing-edge dimmer.
D2
D1
D3
D4
D5
RSET
RHYS
CO
C3
OUT
CS
VCC
COMP
VIN
L
C4
Vac
FB
RFB
GND
Q1
Figure 1. Typical Application Circuit
LED Current Control
The LED current is controlled by the resistor RFB in Figure 1.
Connected between FB pin and Ground, the nominal average output current in the LED(s) is defined as:
0.222
LED
FB
R
RSET and RHYS Setting
The Boost converter of the AL8823 operates at continuous conduction mode and is based on hysteresis schematic which has lower threshold and
upper threshold. Refer to Figure 2 depicting the inductor current waveform.
IL
IL(ave)
IL(val)
Time
tON
tOFF
Peak or Upper Threshold
Valley or Lower Threshold
IL(peak)
Figure 2. Inductor Current
When switch SW is turned on, the inductor current flows through RSET and ramps up linearly. The rising current produces a voltage ramp across
RSET. When the voltage across RSET reaches the upper threshold, switch SW is turned off. The inductor current continues to flow through RSET but
decays. The decaying current produces a falling voltage at RSET. When the voltage across RSET falls to the lower threshold, switch SW is turned
on again.
The lower threshold voltage VLT depends on the voltage VCOMP at COMP pin that varies with the input voltage and output load. The equation is
shown as below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com