| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS8312 Datasheet(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS8312 Datasheet(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() CS8312 http://onsemi.com 5 PACKAGE DIMENSIONS DIP–8 N SUFFIX CASE 626–05 ISSUE L NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 5 8 F NOTE 2 –A– –B– –T– SEATING PLANE H J G D K N C L M M A M 0.13 (0.005) B M T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.40 10.16 0.370 0.400 B 6.10 6.60 0.240 0.260 C 3.94 4.45 0.155 0.175 D 0.38 0.51 0.015 0.020 F 1.02 1.78 0.040 0.070 G 2.54 BSC 0.100 BSC H 0.76 1.27 0.030 0.050 J 0.20 0.30 0.008 0.012 K 2.92 3.43 0.115 0.135 L 7.62 BSC 0.300 BSC M --- 10 --- 10 N 0.76 1.01 0.030 0.040 __ SO–8 D SUFFIX CASE 751–07 ISSUE W SEATING PLANE 1 4 5 8 N J X 45 _ K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. A B S D H C 0.10 (0.004) DIM A MIN MAX MIN MAX INCHES 4.80 5.00 0.189 0.197 MILLIMETERS B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.053 0.069 D 0.33 0.51 0.013 0.020 G 1.27 BSC 0.050 BSC H 0.10 0.25 0.004 0.010 J 0.19 0.25 0.007 0.010 K 0.40 1.27 0.016 0.050 M 0 8 0 8 N 0.25 0.50 0.010 0.020 S 5.80 6.20 0.228 0.244 –X– –Y– G M Y M 0.25 (0.010) –Z– Y M 0.25 (0.010) Z S X S M _ ___ PACKAGE THERMAL DATA Parameter DIP–8 SO–8 Unit RΘJC Typical 52 45 °C/W RΘJA Typical 100 165 °C/W |