Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OV8865 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

No. de pieza OV8865
Descripción Electrónicos  High-Performance, Low-Power 8-Megapixel Image Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMNIVISION [OmniVision Technologies, Inc.]
Página de inicio  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV8865 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV8865 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV8865 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Performance, Low-Power 8-Megapixel
Image Sensor for Mainstream Smartphones and Tablets
OV8865 8MPproductbrief
lead free
available in
a lead-free
package
OmniVision's OV8865 is a low-power high-performance
8-megapixel camera solution for mainstream
smartphones and tablets. Utilizing an improved
1.4-micron OmniBSI-2™ pixel, the OV8865 delivers
best-in-class pixel performance in a smaller, more
power efficient package compared to the previous
generation OV8835 sensor.
The OV8865 offers a number of performance
improvements including a five percent improvement
in dynamic range and a 50 percent reduction in dark
current, resulting in superior high- and low-light images.
Furthermore, the OV8865 consumes considerably less
power than the OV8835, achieving the sub 200 mW
benchmark preferred by high-end mobile device
manufacturers.
The 1/3.2-inch OV8865 supports an active array of
3264 x 2448 (8-megapixels) operating at 30 frames per
second (fps) for high-speed photography. The sensor is
also capable of capturing 1080p high-definition (HD)
video at 30 fps or 720p at 60 fps.
The OV8865 fits into an industry standard
8.5 x 8.5 x 5 mm package.
Find out more at www.ovt.com.


Número de pieza similar - OV8865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OmniVision Technologies...
OV8820 OMNIVISION-OV8820 Datasheet
660Kb / 2P
OV8820 8-megapixel product brief
OV8825 OMNIVISION-OV8825 Datasheet
824Kb / 2P
OV8825 8-megapixel product brief
OV8830 OMNIVISION-OV8830 Datasheet
808Kb / 2P
OV8830 8-megapixel product brief
OV8856 OMNIVISION-OV8856 Datasheet
656Kb / 2P
High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
OV8858 OMNIVISION-OV8858 Datasheet
598Kb / 2P
Cost-Effective 1/4-Inch 8-Megapixel Image Sensor
More results

Descripción similar - OV8865

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micron Technology
MT9T001 MICRON-MT9T001 Datasheet
599Kb / 37P
3-MEGAPIXEL DIGITAL IMAGE SENSOR
logo
OmniVision Technologies...
OV05630-V58A OMNIVISION-OV05630-V58A Datasheet
163Kb / 2P
low power, high-performance 5 megapixel CameraChip
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
Megapixel CMOS Image Sensor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
OmniVision Technologies...
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
High-Performance 16-Megapixel Image Sensor
OV24B OMNIVISION-OV24B Datasheet
713Kb / 2P
24-Megapixel Image Sensor Family
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com