Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GLZJ2.4 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza GLZJ2.4
Descripción Electrónicos  SURFACE MOUNT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GLZJ2.4 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GLZJ2.4 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GLZJ2.4 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GLZJ2.4 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IZ
IF
VR
IR (μA)
Izt
Zzt (Ω) Izk Zzk (Ω)
MIN
MAX
(mA)
(mA)
MIN
MAX
(V)
MAX
(mA)
MAX
(mA)
MAX
A
1.88
2.10
B
2.02
2.20
A
2.12
2.30
B
2.22
2.41
A
2.33
2.52
B
2.43
2.63
A
2.54
2.75
B
2.69
2.91
A
2.85
3.07
B
3.01
3.22
A
3.16
3.38
B
3.32
3.53
A
3.46
3.69
B
3.60
3.84
A
3.74
4.01
B
3.89
4.16
A
4.04
4.29
B
4.17
4.43
C
4.30
4.57
A
4.44
4.68
B
4.55
4.80
C
4.68
4.93
A
4.81
5.07
B
4.94
5.20
C
5.09
5.37
A
5.28
5.55
B
5.45
5.73
C
5.61
5.91
A
5.78
6.09
B
5.96
6.27
C
6.12
6.44
A
6.29
6.63
B
6.49
6.83
C
6.66
7.01
A
6.85
7.22
B
7.07
7.45
C
7.29
7.67
A
7.53
7.92
B
7.78
8.19
C
8.03
8.45
A
8.29
8.73
B
8.57
9.01
C
8.83
9.30
A
9.12
9.59
B
9.41
9.90
C
9.70 10.20
D
9.94 10.44
A
10.18 10.71
B
10.50 11.05
C
10.82 11.38
* Mini Melf Molded Glass.
SURFACE MOUNT ZENER DIODES
GLZJ-SERIES
120
120
5
100
0.2
1.0
8.0
0.2
5
30
0.5
120
5
100
0.2
1.0
7.0
0.2
5
30
0.5
120
5
100
0.2
1.0
6.0
0.5
5
25
0.5
120
5
100
0.2
1.0
5.0
0.5
5
20
0.5
150
5
100
0.2
1.0
4.0
0.5
5
20
0.5
300
5
100
0.2
1.0
3.5
2
5
20
0.5
500
5
100
0.2
1.0
3.0
5
5
60
1
800
5
100
0.2
1.0
2.5
5
5
60
1
900
5
100
0.2
1.0
1.5
5
5
80
1
1000
5
100
0.2
1.0
1.0
5
5
90
1
1000
5
100
0.2
1.0
1.0
5
5
100
1
1000
5
100
0.2
1.0
1.0
5
5
100
1
1000
5
100
0.2
1.0
1.0
10
5
100
1
1000
5
100
0.2
1.0
1.0
20
5
120
0.5
1000
5
100
0.2
1.0
1.0
50
5
120
0.5
1000
5
100
0.2
1.0
1.0
100
5
110
0.5
1000
5
100
0.2
1.0
1.0
120
5
100
0.5
1000
5
100
0.2
1.0
0.7
100
5
100
0.5
120
5
100
0.5
GLZJ11
GLZJ10
5
100
GLZJ6.8
GLZJ7.5
GLZJ8.2
GLZJ9.1
GLZJ4.7
GLZJ5.1
GLZJ5.6
GLZJ6.2
GLZJ3.6
GLZJ3.9
GLZJ4.3
CLASS
SPEC.
0.2
GLZJ2.4
VF (V)
VZ (V)
1.0
0.5
GLZJ3.3
GLZJ2.0
GLZJ2.2
GLZJ2.7
GLZJ3.0
0.5W
18-Dec-2012 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Número de pieza similar - GLZJ2.4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
GLZJ2.4 PANJIT-GLZJ2.4 Datasheet
151Kb / 5P
SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
GLZJ2.4 SECOS-GLZJ2.4 Datasheet
196Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZJ2.4 FRONTIER-GLZJ2.4 Datasheet
128Kb / 4P
500mW MINI MELF ZENER DIODE
More results

Descripción similar - GLZJ2.4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com