| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2002SD Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd. |
|
|
|||||||||||||||||||||||||||||
DS2002SD Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd. |
|
1 / 5 page ![]() INTERNATIONAL 1 www.rectifierindia.com April 2011 STANDARD RECOVERY DIODE DS2002SD FEATURES Available In Normal & Reverse Polarity (D) All Diffused Series Industrial Grade Available In Avalanche Characteristic TYPICAL APPLICATIONS L Power supplies Machine tool controls Power supplies Battery chargers Welders TECHNICAL DATA VRRM (V) VRSM (V) DS2002SD1818 1800 1900 1600 1700 1400 1500 DS2002SD1616 DS2002SD1414 CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 2996 A - 4707 A - 4122 A Half wave resistive load 2093 A - 3288 A - 2693 A DEVICE TYPE |
Número de pieza similar - DS2002SD |
|
Descripción similar - DS2002SD |