Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU508A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza BU508A
Descripción Electrónicos  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU508A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU508A_18 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU508A_18 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc Product Specification
2
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
BU508A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA ; IB= 0
700
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 2.0A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 2.0A
1.3
V
ICES
Collector Cutoff Current
VCE= 1500V ; VBE= 0
VCE=1500V;VBE=0;TC=125℃
1.0
2.0
mA
IEBO
Emitter Cutoff Current
VEB= 5.0V ; IC= 0
0.1
mA
hFE
DC Current Gain
IC= 0.1A ; VCE= 5V
6
30
COB
Output Capacitance
IE=0;VCB= 10V; ftest= 0.1MHz
125
pF
fT
Current-Gain—Bandwidth Product
IC=0.1A;VCE=5V;ftest=1.0MHz
7
MHz
Pulsed: Pulse duration ≤300 us, duty cycle ≤1.5 %



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com