Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PV45-29D1508-06 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

No. de pieza PV45-29D1508-06
Descripción Electrónicos  New energy 150-1500VDC over wide and over high input voltage isolation switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV45-29D1508-06 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  PV45-29D1508-06 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV45-29D1508-06 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV45-29D1508-06 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV45-29D1508-06 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC Switching Power Supply
PV45-29D1508-06
2017.10.24-A/0
Page 4 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Element model
Recommended value
C7, C8, C9, C10
104K/275VAC
C3, C4, C5, C6
47uF/450VDC
R1, R2, R3, R4
1MΩ/2W
LDM
330uH/0.38A
LCM
7mH/1A
FUSE
15A/1500VDC, necessary
3. For more information Please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Note:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number: 58220039;
2. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal
input voltage and rated output load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. In order to improve the conversion efficiency, when the product is working high voltage, the module may have certain audio noise, but
does not affect the reliability of the product;
5. We can provide product customization service, please contact our technicians directly for specific information;
6. Products are related to laws and regulations: see "Features" and "EMC";
7. Our products shall be classified according to ISO14001 and related environmental laws and regulations, and shall be handled by
qualified units.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com