| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC6241CS8 Datasheet(PDF) 9 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 Datasheet(HTML) 9 Page - Linear Technology |
|
9 / 24 page ![]() LTC6241/LTC6242 9 62412f Output Saturation Voltage vs Load Current (Output High) Gain Bandwidth and Phase Margin vs Temperature Open Loop Gain vs Frequency Gain Bandwidth and Phase Margin vs Supply Voltage Slew Rate vs Temperature Output Impedance vs Frequency Common Mode Rejection Ratio vs Frequency Channel Separation vs Frequency TYPICAL PERFOR A CE CHARACTERISTICS LOAD CURRENT (mA) 0.1 0.1 10 100 6241 G10 0.01 1 10 1 VS = 5V, 0V TA = 125°C TA = –55°C TA = 25°C TEMPERATURE ( °C) –55 –35 5 45 85 –15 25 65 105 125 70 30 40 50 60 0 10 20 30 40 6241 G12 CL = 5pF RL = 1k PHASE MARGIN GAIN BANDWIDTH VS = ±1.5V VS = ±5V VS = ±1.5V VS = ±5V TOTAL SUPPLY VOLTAGE (V) 048 2 6 10 12 70 60 40 50 0 10 20 30 6241 G14 TA = 25°C CL = 5pF RL = 1k PHASE MARGIN GAIN BANDWIDTH FREQUENCY (Hz) 10k 100k 10M 1M 100M –20 0 –10 10 20 30 40 50 60 70 80 –80 –40 –60 –20 0 20 40 60 80 100 120 6241 G13 CL = 5pF RL = 1k VCM = VS/2 PHASE GAIN VS = ±1.5V VS = ±5V VS = ±1.5V VS = ±5V TEMPERATURE ( °C) –55 –35 5 45 85 –15 25 65 105 125 4 6 8 10 12 14 16 18 20 6241 G15 AV = –2 RF = 1k, RG = 500Ω CONDITIONS: SEE NOTE 12 VS = ±5V RISING VS = ±5V FALLING VS = ±2.5V FALLING VS = ±2.5V RISING FREQUENCY (Hz) 10k 1M 10M 6241 G16 100k TA = 25°C VS = ±2.5V AV = 10 AV = 1 0.01 10 10k 1 0.10 100 1k AV = 2 FREQUENCY (Hz) 10k 100k 10M 1M 100M –10 0 10 20 30 40 50 60 70 100 90 80 6241 G17 TA = 25°C VS = ±2.5V FREQUENCY (Hz) 10k 100k 10M 1M 100M –120 0 –10 –20 –30 –40 –50 –60 –70 –110 –100 –90 –80 6241 G18 TA = 25°C VS = ±2.5V AV = 1 Power Supply Rejection Ratio vs Frequency 90 80 70 60 50 40 30 20 10 0 1k 100k 1M 100M 10k 10M FREQUENCY (Hz) 6241 G19 TA = 25°C VS = ±2.5V POSITIVE SUPPLY NEGATIVE SUPPLY |